Part Number Hot Search : 
621000 H24N60 L4PFE ACE78LXX BTA208 RF740 MA2Z377 001SMB
Product Description
Full Text Search
 

To Download 2SC5291 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN5282A
2SC5291
NPN Epitaxial Planar Silicon Transistor
2SC5291
High-Voltage Switching Applications
Features
* * * *
Package Dimensions
unit : mm 2084B
[2SC5291]
10.5 1.9 4.5
1.2
Adoption of FBET, MBIT processes. Large current capacity. Can be provided in taping. 9.5mm onboard mounting height.
2.6 1.4
7.5
1.2 1.6 0.5 1 2 3
1.0
8.5
0.5
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Conditions
1 : Emitter 2 : Collector 3 : Base
2.5 2.5
SANYO : FLP
Ratings 180 160 6 1.5 2.5 300 1.5 150 --55 to +150 Unit V V V A A mA W C C
Electrical Characteristics at Ta=25C
Parameter Collector Cutoff Current Emitter Cutoff Current Symbol ICBO IEBO VCB=120V, IE=0 VEB=4V, IC=0 Conditions Ratings min typ max 1.0 1.0 Unit A A
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12201 TS IM TA-0376 No.5282-1/4
2SC5291
Continued from preceding page.
Parameter DC Current Gain Gain-Bandwidth Product Output Capacitance Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Turn-ON Time Storage Time Fall Time Symbol hFE1 hFE2 fT Cob VCE(sat) VBE(sat) ton tstg tf Conditions VCE=5V, IC=100mA VCE=5V, IC=10mA VCE=10V, IC=50mA VCB=10V, f=1MHz IC=500mA, IB=50mA IC=500mA, IB=50mA See specified Test Circuit See specified Test Circuit See specified Test Circuit Ratings min 100 90 120 14 0.13 0.85 4.0 1.2 8.0 0.45 1.2 MHz pF V V ns s ns typ max 400 Unit
* : The 2SC5291 is classified by 100mA hFE as follows : Rank hFE R S T 100 to 200 140 to 280 200 to 400
Switching Time Test Circuit
IB1 INPUT IB2 RB PW=20s D.C.=1% RL 50 VR + 100F VBE= --5V + 470F VCC=100V OUTPUT
10IB1=--10IB2=IC=700mA RL=140, RB=14 at IC=700mA
1.8 1.6
IC -- VCE
1.0
IC -- VCE
5.0
A 4.5m mA 4.0
3.5mA
Collector Current, IC -- A
Collector Current, IC -- A
1.4 1.2 1.0 0.8 0.6
50mA 40mA 30mA
20mA 10mA 5mA
0.8
m
A
3.0mA
0.6
2.5mA 2.0mA
0.4
1.5mA 1.0mA
2mA
0.4
0.2
1mA
0.2 0
0.5mA
0
IB=0
0 1 2 3 4 5 ITR08045
IB=0
0 10 20 30 40 50 ITR08046
Collector-to-Emitter Voltage, VCE -- V
1.6
IC -- VBE
Collector-to-Emitter Voltage, VCE -- V
1000 7 5
hFE -- IC
VCE=5V
VCE=5V
Collector Current, IC -- A
DC Current Gain, hFE
1.2
3 2
Ta=75C 25C
0.8
100 7 5 3 2
--25C
5C 25C
0.4
0
Ta= 7
--25C
0
0.2
0.4
0.6
0.8
1.0
1.2 ITR08047
10
7 0.01
2
3
5
7 0.1
2
3
5
7 1.0
2
3
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
ITR08048
No.5282-2/4
2SC5291
5
fT -- IC
VCE=10V
100 7
Cob -- VCB
f=1MHz
Gain-Bandwidth Product, f T -- MHz
3
Output Capacitance, Cob -- pF
5
2
3 2
100 7 5
10 7 5
3 2
(For PNP, minus sign is omitted.)
10 0.01 2 3 5 7 0.1 2 3 5 7
Collector Current, IC -- A
3
2 1.0 ITR08049
3 1
(For PNP, minus sign is omitted.)
2 3 5 7 10 2 3 5
VCE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
10 7
7 100 ITR08050
VBE(sat) -- IC
Collector-to-Emitter Saturation Voltage, VCE(sat) -- mV
2
IC / IB=10 Base-to-Emitter Saturation Voltage, VBE(sat) -- V
IC / IB=10
1000 7 5 3 2
5
3 2
100 7 5 3 2 7 0.01 2
1.0
Ta= --25C
7 5
25C
Ta=75C
--25C
3
25C
75C
57
0.1
2
3
5
7 1.0
2
3
3
7 0.01
2
3
5
7 0.1
2
3
5
7 1.0
2
3
Collector Current, IC -- A
5 3 2
ITR08051 1.6 1.5 1.4
Collector Current, IC -- A
ITR08052
Forward Bias A S O
ICP=2.5A IC=1.5A
PC -- Ta
Collector Current, IC -- A
1.0 7 5 3 2 0.1 7 5 3 2 0.01 7 5
0m
s
Collector Dissipation, PC -- W
2 7 100 V ITR08053
10
DC
10
ms
1m s
1.2 1.0 0.8 0.6 0.4 0.2 0
op
era
tio
n
Tc=25C Single pulse
57 1.0 2 3 5 7 10 2 3 5
0
20
40
60
80
100
120
140
160
Collector-to-Emitter Voltage, VCE --
Ambient Temperature, Ta -- C
ITR08054
No.5282-3/4
2SC5291
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of January, 2001. Specifications and information herein are subject to change without notice.
PS No.5282-4/4


▲Up To Search▲   

 
Price & Availability of 2SC5291

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X